PART |
Description |
Maker |
22-55-2321 22-55-2441 22-55-2241 |
Multipole Connector; Number of Contacts:32; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt A DR NPolar 44Ckt Multipole Connector; Number of Contacts:24; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Gender:Female; Series:70450
|
Molex, Inc. MOLEX INC
|
51110-2851 |
Multipole Connector; Gender:Male; Number of Contacts:28; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079"
|
Molex
|
43020-1600 43020-1601 43020-2400 |
Multipole Connector; Gender:Male; Number of Contacts:16; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:2; Pitch Spacing:0.118" 16 CONTACT(S), MALE, POWER CONNECTOR, CRIMP, PLUG Multipole Connector; Gender:Male; No. of Contacts:24; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:2; Pitch Spacing:0.118" 24 CONTACT(S), MALE, POWER CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
03-12-2036 03-12-1036 |
Connector Housing; No. of Contacts:3; Series:HCS-125; Connector Body Material:Nylon; Mounting Type:PC Board; No. of Rows:1; Pitch Spacing:8.38mm; Contact Termination:Crimp; Terminal Type:Straight Pin 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Female; Number of Contacts:3; Series:4217R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Voltage:600V; Pitch Spacing:3.18mm
|
Molex, Inc. MOLEX INC
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
19-09-2032 |
Multipole Connector; Gender:Female; No. of Contacts:3; Series:Standard .093"; Body Material:Nylon 6/6; No. of Rows:1 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1104 |
Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm
|
Molex
|
10-31-1068 |
Header; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
90156-0149 90156-0147 |
Connector Housing; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|